Part Number Hot Search : 
08775 78L07 NDL0509S C3466 CH2805 78L07 PE45002 ON1952
Product Description
Full Text Search
 

To Download AWT6104M5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AWT6104M5
PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
Advanced Product Information Rev. 1
FEATURES * * * * * * * * * InGaP HBT Technology High Efficiency 40% PCS Low Leakage Current ( <25 A) SMT Module Package Small Foot Print (6mm X 6mm) Low Profile (1.6mm) 50 Input and Output Matching Low Quiescent Current (Icq 50mA Typ) Shut Down & Mode Control APPLICATIONS * PCS TDMA Handsets
6x6mm Module Package
Description The AWT6104 is a 3.5V power amplifier module for use in PCS TDMA wireless handsets and communication systems. Absolute Minimum and Maximum Ratings
S IGNAL Supply Voltage (V CC ) Input Power (RF IN ) Control Voltage (V REF ) V MOD Voltage (V MOD ) Storage Temperature (T STG ) Operating Temperature (T C ) -55 -25 MIN MAX +5 +10 +3.5 +3.5 100 80 UNITS V dBm V V C C
AWT6104M5
Electrical Specifications (TDMA 1850-1910 MHz) (Unless otherwise specified: Vcc = 3.5V, Z = Z =50 System , TC = 25 C)
IN OUT
Parameter Frequency Range Supply Voltage Range Ref. Voltage Range Ref. Current Output Power, V CC = 3.5V Output Power, V CC = 3.0V Input VSWR Output VSWR Power Added Efficiency Pout = 30 dBm Power Added Efficiency Pout = 16 dBm (V MODE = 2.7V) Low Power Mode Icq (V MODE = 2.7V) Low Power Mode Linearity (P OUT avg. = 30 dBm) & V CC =3.5V ACPR +/- 30 kHz ACPR +/- 60 kHz ACPR +/- 90 kHz Noise at Receiver Band Pout 30 dbm Gain, P OUT = 30 dBm Leakage Current V CC = 3.5V ; V REF = 0V ; V MODE =2.7V Harmonics 2fo, P OUT = 30 dBm 3fo, P OUT = 30 dBm Stability (out of band load VSWR < 20:1) (in band load VSWR < 10:1) Ruggedness Stress for no permanent degradation or failure, V CC = 5.0 V
Minimum 1850 3.0 2.75
Typical
Maximum 1910
Units MHz V V mA dBm dBm
3.5 2.8 2
5.0 2.9
30 29 2:1 2:1 40
%
7
%
50 NADC - modulation -28 -48 -50 -85 30 25 -30 -30 -60
mA
dBc dBc dBc dBm/30 kHz
A
dBc dBc dBc, all spurious Pin - 50 dBm ... +0 dBm
10:1
Bias Control
V MODE V IC Q T y p Power Range Low High P OUT L e v e ls 0-22 dBm 22-30 dBm Mode NADC PCS Low Power NADC PCS High Power
High Low
2 .7 0
50 mA 100 mA
2
AWT6104M5
Pin Description
P in 1 2 3 4 5 6 7 Name V CC R F IN V REF V MODE V CC R F OUT GND D e s c r ip t i o n Supply Voltage R F In p u t S i g n a l Bias M o d e C o n trol Supply Voltage RF output Ground
Package Outline Top View
3
AWT6104M5
ANADIGICS, Inc. 35 Technology Drive Warren, New Jersey 07059 Tel: (908) 668-5000 Fax: (908) 668-5132 http://www.anadigics.com Mktg@anadigics.com
IMPORTANT NOTICE ANADIGICS, Inc. reserves the right to make changes to its products or discontinue any product at any time without notice. The Advanced Product data sheets and product specifications contained in this data sheet are subject to change prior to a products formal introduction. The information in this data sheet has been carefully checked and is assumed to be reliable. However, ANADIGICS assumes no responsibility for inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders. WARNING ANADIGICS products are not intended for use in life support appliances, devices, or systems. Use of an ANADIGICS product in any such application without written consent is prohibited.
4


▲Up To Search▲   

 
Price & Availability of AWT6104M5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X